Part Number Hot Search : 
MSM6411A LM555N DQ1280 MPS65 RN1CE K1005 10900 22R474
Product Description
Full Text Search
 

To Download BAT54SLT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  semiconductor bat54/a/c/slt1 shandong yiguang electronic joint stock co., ltd technical data schottky barrier diode absolute maximum ratings at ta=25 ?? characteristic symbol rating unit reverse voltage v r 30 vdc forward power dissipation @t a =25 ?? derate above 25 ?? p f 225 1.8 mw mw/ ?? junction temperature tj 125 ?? storage temperature tstg -55-150 ?? electrical characteristics at ta=25 ?? characteristic symbol min typ max unit reverse breakdown voltage(i r =10uadc) v (br)r 30 volts reverse leakage(v r =25v) i r 0.5 2.0 uadc total capacitance(v r =1.0v f=1.0mhz) c t 7.6 10 pf forward voltage i f =0.1madc i f =1.0madc i f =10madc i f =30madc i f =100madc v f 0.22 0.29 0.35 0.41 0.52 0.24 0.32 0.40 0.5 1.0 vdc reverse recovery time (i f =i r =10madc,i r(rec) =1.0madc) trr 5.0 ns note:fr-5=1.0 a 0.75 a 0.062in internal configuration and dvice marking: bat54 (lv3) bat54s (ld3) bat54c (kl3) bat54a (b6) package: sot-23 tiger electronic co.,ltd
bat54r/a/c/slt1 notes: 1. a 2.0 k ? variable resistor adjusted for a forward current (i f ) of 10ma. notes: 2. input pulse is adjusted so i r(peak) is equal to 10ma. notes: 3. t p ? t rr figure 1. recovery time equivalent test circuit 100 10 1.0 0.1 0 0.1 0.2 0.3 0.4 0.5 0.6 150c t a = 150c t a = 125c t a = 85c t a = 25c 0 5 10 15 20 25 30 1000 100 10 1.0 0.1 0.01 0.001 0 5 10 15 20 25 30 14 12 10 8 6 4 2 0 i f , forward current (ma) v f , forward voltage (volts) figure 2. forward voltage v r , reverse voltage (volts) figure 3. leakage current v r , reverse voltage (volts) figure 4. total capacitance i r , reverse current ( a) 125c 85c 25c ? 40c ?55c c t total capacitance (pf) +10 v 2.0 k 820 ? 100 h 0.1 f d.u.t. 0.1 f 50 ? output pulse generator t r 50 ? input sampling oscilloscope t p t 10% 90% i f i r t rr t i r(rec) = 1.0 ma output pulse (i f = i r = 10 ma; measured at i r(rec) = 1.0 ma) input signal i f v r semiconductor bat54/a/c/slt1 shandong yiguang electronic joint stock co., ltd technical data s c h o t t k y b a r r i e r d i o d e
????? outside demension and interna l configuration (sot-23) dimensions in millimeters ? pin symbol min nominal max ? ? styls 1 2 3 a1 0.900 0.970 1.000 a2 0.350 0.380 0.410 6 base emitter collctor b 2.800 2.900 3.000 c 0.085 0.100 0.150 8 anode no- connection cathode d 1.800 1.900 2.000 e1 2.200 2.400 2.600 9 anode anode cathode e2 1.200 1.300 1.400 h 0.300 0.400 0.500 11 anode cathode - anode-cathode l1 0.000 0.100 l2 0.200 12 cathode cathode anode l3 0.030 0.080 0.130 r 0.080typ 18 no- connection cathode anode 19 cathode anode - cathode-anode
outside scale 1:1 on letter size paper footprints for soldering dimensions in millimeters dimensions in inches symbol nominal nominal w1 1.900 0.0748 w2 0.950 0.0374 w3 0.800 0.0315 t 2.000 0.0787 t1 1.000 0.0394
sot-23 tape and reel data sot-23 packaging: sot-23 embossed carrier tape: dimensions in millimeters dimensions in inches symbol minimum nominal maximum minimum nominal maximum a0 3.050 3.150 3.250 0.1201 0.1240 0.1280 a1 0.900 1.000 1.100 0.0354 0.0394 0.0433 b0 2.669 2.769 2.869 0.1051 0.1090 0.1130 b1 2.100 2.200 2.300 0.0827 0.0866 0.0906 c 2.750typ 0.1083typ d 1.500 1.500 1.600 0.0591 0.0591 0.0630 d1 0.900 1.000 1.100 0.0354 0.0394 0.0433 e 1.650 1.750 1.850 0.0650 0.0689 0.0728 f 3.450 3.500 3.550 0.1358 0.1378 0.1398 k 1.119 1.219 1.319 0.0441 0.0480 0.0519 k1 0.850typ 0.03346typ p 3.900 4.000 4.100 0.1535 0.1575 0.1614 p0 3.900 4.000 4.100 0.1535 0.1575 0.1614 p010 39.800 40.000 40.200 1.5669 1.5748 1.5827 p2 1.950 2.000 2.050 0.0768 0.0787 0.0807 t 0.216 0.229 0.242 0.0085 0.0090 0.0095 w 7.900 8.000 8.300 0.3110 0.3150 0.3268
sot-23 reel data: dimensions in millimeters dimensions in inches symbol minimum nominal maximum minimum nominal maximum b - - 12.500 - - 0.4921 b1 8.900 9.000 9.100 0.3504 0.3543 0.3583 b2 1.700 1.750 1.800 0.0669 0.0689 0.0709 d 177.000 178.000 179.000 6.9685 7.0079 7.0472 d1 67.600typ 2.6614typ d2 157.600typ 6.2047 typ d 12.800 13.000 13.200 0.5039 0.5118 0.5197 d1 16.40 typ 0.6457 typ d2 21.000 typ 0.8268 typ d3 25.200 typ 0.99221typ d4 50.600 51.600 52.600 1.9921 2.0315 2.0709 d5 53.800 54.800 55.800 2.1181 2.1575 2.1969 e 2.800 typ 0.1102typ l 1.750 typ 0.0689 typ r 2.575 typ 0.1014 typ w 15.000 typ 0.5906 typ w1 1.300 typ 0.0512 typ


▲Up To Search▲   

 
Price & Availability of BAT54SLT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X